Electronic Components Datasheet Search
  English  ▼

X  

AS3953A Datasheet(PDF) 30 Page - ams AG

Part # AS3953A
Description  High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A Datasheet(HTML) 30 Page - ams AG

Back Button AS3953A Datasheet HTML 26Page - ams AG AS3953A Datasheet HTML 27Page - ams AG AS3953A Datasheet HTML 28Page - ams AG AS3953A Datasheet HTML 29Page - ams AG AS3953A Datasheet HTML 30Page - ams AG AS3953A Datasheet HTML 31Page - ams AG AS3953A Datasheet HTML 32Page - ams AG AS3953A Datasheet HTML 33Page - ams AG AS3953A Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
www.ams.com
Revision 1.3
30 - 42
AS3953A
Datasheet - Application In formatio n
8.3 Registers
The 6-bit register addresses below are defined in the hexadecimal notation. The possible address range is from 00h to 3Fh.
There are two types of registers implemented in the AS3953A: configuration registers and display registers. The configuration registers are used
to configure the AS3953A. They can be written and read through the SPI (RW). The display registers are read only (RO); they contain
information about the AS3953A internal state, which can be accessed through the SPI.
8.3.1 Overview of Registers
8.3.2 IO Definition Register
IO Configuration Register.
Note:
This register is directly supplied by VP_SPI. Its initial state is unknown.
Table 11. List of the SPI Interface Internal Registers
Address
[hex]
Content
Type
00
IO Configuration Register
RW
01
Mode Definition Register
RW
02
Bit Rate Definition Register
RW
04
RFID Status Display Register
RO
05
RATS Register
RO
08
Mask Main Interrupt Register
RW
09
Mask Auxiliary Interrupt Register
RW
0A
Main Interrupt Register
RO
0B
Auxiliary Interrupt Register
RO
0C
FIFO Status Register 1
RO
0D
FIFO Status Register 2
RO
10
Number of Transmitted Bytes Register 1
RW
11
Number of Transmitted Bytes Register 2
RW
Address# 00h : IO Configuration
Type: RW
Bit
Name
Default
Function
Comments
7
miso_pd2
x
1: Pull-down on MISO, when \SS is low
and MISO is not driven by the AS3953A
6
miso_pd1
x
1: Pull-down on MISO when \SS is high
5
RFU
4
RFU
3
RFU
2
RFU
1
RFU
0
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com