Electronic Components Datasheet Search
  English  ▼

X  

AS5050A Datasheet(PDF) 9 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 9 Page - ams AG

Back Button AS5050A Datasheet HTML 5Page - ams AG AS5050A Datasheet HTML 6Page - ams AG AS5050A Datasheet HTML 7Page - ams AG AS5050A Datasheet HTML 8Page - ams AG AS5050A Datasheet HTML 9Page - ams AG AS5050A Datasheet HTML 10Page - ams AG AS5050A Datasheet HTML 11Page - ams AG AS5050A Datasheet HTML 12Page - ams AG AS5050A Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ams Datasheet
Page 9
[v2-03] 2014-Jul-31
Document Feedback
AS5050A − Detailed Description
Typical Application
The AS5050A uses on-chip Hall elements to convert the
magnetic field component perpendicular to the surface of the
chip into a voltage.
The signals from the Hall elements are amplified and filtered by
the analog front-end (AFE) before being converted by the
analog-to-digital converter (ADC). The output of the ADC is
processed by the hardwired CORDIC (coordinate rotating
digital computer) block to compute the angle and magnitude
of the magnetic vector. The intensity of the magnetic field
(magnitude) is used by the automatic gain control (AGC) to
adjust the amplification level for compensation of temperature
and magnetic field variations.
The internal 10-Bit resolution is available by reading a register
through the SPI interface. The IC settings in the AS5050A can
be programmed through the SPI interface without any
dedicated programmer.
Figure 10:
Typical Application Using SPI 4-Wire Mode and INT/ Output
Figure 10 shows how the AS5050A can be connected to a
microcontroller. The SPI interface is a slave interface for
accessing the on-chip registers. The INT/ output is an active-low
interrupt for informing the host microcontroller when a new
result is available.
ADC
AS5050A
VDD
VSS
SS/
MOSI
SCK
MISO
Analog
Front-End
ATAN
(CORDIC)
AGC
INT/
EN_INT/
Hall Sensors
Low Power Management
VDDp
WM
SPI
Test
µC
4.7µF
15 R
DC 3.0V – 3.6V
DC 1.8V – 3.6V
SPI
Interface
Interrupt
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com