Electronic Components Datasheet Search
  English  ▼

X  

AS5050A Datasheet(PDF) 15 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 15 Page - ams AG

Back Button AS5050A Datasheet HTML 11Page - ams AG AS5050A Datasheet HTML 12Page - ams AG AS5050A Datasheet HTML 13Page - ams AG AS5050A Datasheet HTML 14Page - ams AG AS5050A Datasheet HTML 15Page - ams AG AS5050A Datasheet HTML 16Page - ams AG AS5050A Datasheet HTML 17Page - ams AG AS5050A Datasheet HTML 18Page - ams AG AS5050A Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
ams Datasheet
Page 15
[v2-03] 2014-Jul-31
Document Feedback
AS5050A − SPI Interface
SPI Read Data Frame
Figure 16:
SPI Read Data Frame
The data is sent from the AS5050A to the microcontroller on the
MISO output. The parity bit PAR is calculated for the upper 15
bits. If an error is detected in the previous SPI command frame,
the EF bit is set. The addressed register is sampled on the rising
edge of CSn and the data is transmitted on MISO with the next
read command, as shown in Figure 17.
Figure 17:
SPI Read
Bit
15
14
13
12
11
10
9
8
76543
21
0
Data 15:2
EF
PAR
Bit
Name
Description
15:2
Data
14 bit read data
1
EF
0 = no command frame error occurred, 1 = error occurred
0
PAR
Parity bit (even) calculated on the upper 15 bits
Read ADD[n]
Read ADD[k]
CSn
Read ADD[p]
Data ADD[n]
Data ADD[p]
Read ADD[m]
Data ADD[k]
Command
Command
Command
Command
Data
Data
Data
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com