Electronic Components Datasheet Search
  English  ▼

X  

TSL262 Datasheet(PDF) 10 Page - ams AG

Part # TSL262
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL262 Datasheet(HTML) 10 Page - ams AG

Back Button TSL262 Datasheet HTML 6Page - ams AG TSL262 Datasheet HTML 7Page - ams AG TSL262 Datasheet HTML 8Page - ams AG TSL262 Datasheet HTML 9Page - ams AG TSL262 Datasheet HTML 10Page - ams AG TSL262 Datasheet HTML 11Page - ams AG TSL262 Datasheet HTML 12Page - ams AG TSL262 Datasheet HTML 13Page - ams AG TSL262 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
9
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION
NOTE A: Simple transmission of audio signal over short distances (<10 ft). Applications include wireless headphones, wireless-telephone
headset, and wireless-headset intercom.
† OPTEK part number
IN
OUT
COM
6 V
U2
TLE2426
C1
1 μF
+
R2
20 kΩ
_
+
D1
OP295†
D2
OP295†
R3
40 Ω
Q1
2N3904
R1
10 kΩ
Audio
Input
6 V
6 V
IN
OUT
COM
9 V
U2
TLE2426
_
+
9 V
C2
47 μF
R1
100 kΩ
C1
100 pF
R2
10 kΩ
IN
OUT
COM
9 V
U1
TSL261R
Sensor
C3
1 μF
3
2
6
7
4
1
3
2
U3A
NE5534
U1
TLC271
2
3
7
5
4
8
1
6
TRANSMITTER
RECEIVER
+
+
VOL
Output
(to headphones)
Figure 12. IR Voice-Band Audio Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com