Electronic Components Datasheet Search
  English  ▼

X  

STTH5BCF060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH5BCF060
Description  600 V high voltage free wheel rectifier for BC topology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5BCF060 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH5BCF060 Datasheet HTML 1Page - STMicroelectronics STTH5BCF060 Datasheet HTML 2Page - STMicroelectronics STTH5BCF060 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18192 Rev 1
1/3
3
STTH5BCF060
600 V high voltage free wheel rectifier for BC2 topology
Features
■ optimized free wheel diode for BC2 topology
(ST patent)
■ low conduction losses
■ high voltage rectifier
■ improves efficiency by up to 2.5% compared to
conventional continuous mode PFC using
standard ultrafast 600 V PN diodes
■ performance efficiency improved by up to 0.5%
compared with 600 V Schottky power diodes
with no reverse recovery charges used in CCM
PFC at 200 kHz
■ helps meet the 80+ efficiency requirements
■ supports PFC working up to 300 kHz
■ suitable for PFC up to 2 kW
■ compatible with standard PFC controller ICs
Description
The STTH5BCF060 is a specific free wheel diode
used in continuous mode power factor correction
working in the BC2 topology. This diode has been
especially designed for the dedicated BC2
topology. Therefore, its electrical characteristics
offer the best possible efficiency with a P-N
optimized structured diode. As a result, SMPS
efficiency growths up to 2.5% can be produced
compared with standard ultrafast 600 V P-N
diode.
Table 1.
Device summary
Symbol
Value
I F(AV)
5 A
VRRM
600 V
K
A
DO-201AD
STTH5BCF060
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STTH5BCF060

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH502B THINKISEMI-STTH502B Datasheet
401Kb / 2P
5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
STTH504B THINKISEMI-STTH504B Datasheet
401Kb / 2P
5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH506B STMICROELECTRONICS-STTH506B Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
logo
Inchange Semiconductor ...
STTH506B ISC-STTH506B Datasheet
324Kb / 2P
Ultrafast Recovery Rectifier
More results

Similar Description - STTH5BCF060

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8474A RICHTEK-RT8474A Datasheet
207Kb / 13P
High Voltage Multiple-Topology LED Driver
logo
Vincotech
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
mixed voltage NPC topology
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
High Voltage Multi-Topology LED Driver
logo
Vincotech
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
Mixed voltage NPC topology
10-FZ12NMA080SH01-M260F VINCOTECH-10-FZ12NMA080SH01-M260F Datasheet
1Mb / 27P
Mixed voltage component topology
logo
STMicroelectronics
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
600 V, 60 A ultrafast high voltage rectifier
30-Mar-2020
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com