Electronic Components Datasheet Search
  English  ▼

X  

STTH5BCF060 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH5BCF060
Description  600 V high voltage free wheel rectifier for BC topology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5BCF060 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH5BCF060 Datasheet HTML 1Page - STMicroelectronics STTH5BCF060 Datasheet HTML 2Page - STMicroelectronics STTH5BCF060 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering information
STTH5BCF060
2/3
Doc ID 18192 Rev 1
1
Ordering information
2
Revision history
Table 2.
Ordering information
Order codes
Marking
Package
Weight
Base qty
Delivery mode
STTH5BCF060
STTH5BCF060
DO-201AD
1.16 g
600
Ammopack
Table 3.
Document revision history
Date
Revision
Changes
05-Nov-2010
1
Initial release.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com