Electronic Components Datasheet Search
  English  ▼

X  

GLM75-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GLM75-5
Description  75 Watt Single Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLM75-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GLM75-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLM75-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GLC75 Commercial/GLM75 Medical 75 Watt Single Output
GLC75/GLM75 MECHANICAL SPECIFICATIONS
A. Rating with unrestricted convection cooling. Total power not to exceed 75 W.
B. Rating with 26 cfm forced-air cooling. Total power not to exceed 110 W.
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
l
e
d
o
M
t
u
p
t
u
O
t
u
p
t
u
O
m
u
m
i
n
i
M
m
u
m
i
x
a
M
t
u
p
t
u
O
)
A
(
m
u
m
i
x
a
M
t
u
p
t
u
O
)
B
(
t
u
p
t
u
O
k
a
e
P
t
e
S
P
V
O
1
V
P
-
P
e
s
i
o
N
l
a
t
o
T
n
o
it
a
l
u
g
e
R
5
-
5
7
C
L
G
5
-
5
7
M
L
G
V
1
.
5A
0A
7
.
3
1A
6
.
9
1A
1
2V
6
.
0
±
2
.
6V
m
0
5%
1
2
1
-
5
7
C
L
G
2
1
-
5
7
M
L
G
V
2
1A
0A
3
.
6A
1
.
9A
5
.
9V
1
.
1
±
6
.
5
1V
m
0
2
1%
1
5
1
-
5
7
C
L
G
5
1
-
5
7
M
L
G
V
5
1A
0A
5A
3
.
7A
7
.
7V
5
.
1
±
5
.
8
1V
m
0
5
1%
1
4
2
-
5
7
C
L
G
4
2
-
5
7
M
L
G
V
4
2A
0A
1
.
3A
6
.
4A
5V
5
.
2
±
8
2V
m
0
4
2%
1
8
2
-
5
7
C
L
G
8
2
-
5
7
M
L
G
V
8
2A
0A
7
.
2A
4A
4
.
4V
8
.
2
±
4
3V
m
0
8
2%
1
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes,
total 6 shocks.
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
T
0
5
o
t
0
oC
5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com