Electronic Components Datasheet Search
  English  ▼

X  

GLM75-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLM75-5
Description  75 Watt Single Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLM75-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLM75-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLM75-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GLC75 Commercial/GLM75 Medical
75 Watt Single Output Global Performance Switchers
FEATURES:
• Cost-effective single-output power source
• 3.4" x 5.75" x 1.56" (meets 1U applications)
• Universal input 90-264 Vac
• 2-year warranty
• Complies with EN61000-3-2 Class A
• Also available in multiple output versions
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Commercial Approved to UL1950, CSA22.2 No. 234
and IEC950, EN60950
• Medical Approved to UL2601-1, IEC601-1 and
CSA22.2 No. 601
•
SPECIFICATIONS:
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated
output load not to exceed 2.3 A.
Output Power
Normal continuous output power is 75 W for unrestricted
natural convection cooling; 110 W with 26 cfm airflow.
Output Regulation
Regulation measured by changing from 5% to 50% load
or 50% load to full load in either direction.
Overload Protection
Factory set to begin power limiting at approximately 120
W (GLC 75-5 is set at approximately 100 W). Fully
protected against short circuit and output overload. Short
circuit protection is cycling type power limit.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential
mode. Measured with noise probe directly across output
terminals of the power supply.
Transient Response
Main Output: 500 µs typical response time for return to
within 0.5% of final value for a 50% load step change,
∆i/
∆t<0.2 A/µs. Maximum voltage deviation is 3.5%. Startup/
shutdown overshoot less than 3%.
Overvoltage Protection
Standard on all models.
Voltage Adjust
Factory set on standard unit; however, potentiometer
adjusts voltage ±5% minimum. Consult factory for
application assistance.
Efficiency
72-85% depending on model.
Input Protection
Internal ac fuse provided. Designed to blow only if a
catastrophic failure occurs in the unit—fuse does not blow
on overload or short circuit.
marked to LVD
Inrush Current
Inrush limited by internal thermistors. Inrush at 240 Vac,
averaged over the first ac half-cycle under cold start
conditions will not exceed 37 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Power Fail
A standard TTL or CMOS compatible output goes low
(< 0.5 V) 5ms before output voltage drops more than 4%
below nominal voltage upon loss of ac power. Signal is
factory set to trip on 84 to 94 Vac brown-out depending
upon incoming line impedance and distortion. Other
settings are available through adjustment of built-in
potentiometer (consult factory for assistance). Output will
stay low for 20 ms minimum.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the
following emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GLC75 EN55022 Class B; FCC Class B
Conducted Emissions GLM75 EN55011 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 8 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Line Frequency Harmonics
EN61000-3-2 Class A
Commercial Safety
All GLC models are approved to UL1950, CSA22.2 No.
234 Level 3, IEC950 and EN60950. Consult factory for
approval status.
Medical Leakage Current
70 µA 264 V @ 50 Hz (normal conditions).
Medical Safety
All GLM models are approved to UL2601-1, CSA-C22.2
No. 601.1, IEC601-1 and EN60601-1. Consult factory for
approval status.


Similar Part No. - GLM75-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLM75-5 ETC2-GLM75-5 Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
More results

Similar Description - GLM75-5

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
80 Watt Global Single and Multiple Output Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com