Electronic Components Datasheet Search
  English  ▼

X  

SP485 Datasheet(PDF) 11 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation SP485 Datasheet HTML 10Page - Exar Corporation SP485 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_SP485_00_0740
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP483CN-L......................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP483CN-L/TR ................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP483CS-L.......................................................................... 0°C to +70°C................................................................................................8-pin PDIP
SP483EN-L........................................................................ -40°C to +85°C...............................................................................................8-pin NSOIC
SP483EN-L/TR.................................................................. -40°C to +85°C...............................................................................................8-pin NSOIC
SP483ES-L........................................................................ -40°C to +85°C...............................................................................................8-pin PDIP
SP485CN-L......................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP485CN-L/TR ................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP485CS-L......................................................................... 0°C to +70°C.................................................................................................8-pin PDIP
SP485EN-L........................................................................ -40°C to +85°C...............................................................................................8-pin NSOIC
SP485EN-L/TR.................................................................. -40°C to +85°C...............................................................................................8-pin NSOIC
SP485ES-L........................................................................ -40°C to +85°C...............................................................................................8-pin PDIP
REVISION HISTORy
DATE
REVISION DESCRIPTION
07/28/04
--
Legacy Sipex Datasheet
07/4/0
.0.0
Convert to Exar Format. Update ordering information as a result of discontinued
Lead type package options per PDN 0826-0. Remove all options and reference
to SP48; Part is EOL. Remove "GND" entry from Minimum column of SP483/485
driver DC Characteristic paramter "Differntial output voltage - Unloaded".
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 200 EXAR Corporation
Datasheet July 200
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
Note: /TR = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com