Electronic Components Datasheet Search
  English  ▼

X  

SP485 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation SP485 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_485_00_0740
PIN FUNCTION
TEST CIRCUITS
A
B
R
R
VOD
VOC
Figure . Driver DC Test Load Circuit
C
L1
15pF
RO
A
B
A
B
DI
C
L2
R
L
Figure 3. RS-485 Driver/Receiver Timing Test
500Ω
CL
Output
Under
Test
S1
S2
VCC
Figure 4. Driver Timing Test Load #2 Circuit
Figure 2. Receiver Timing Test Load Circuit
1kΩ
1kΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
Pin  - RO - Receiver Output
Pin 2 - RE - Receiver Output Enable Active LOW
Pin 3 - DE - Driver Output Enable Active HIGH
Pin 4 - DI - Driver Input
Pin 5 - GND - Ground Connection
Pin 6 - A - Driver Output / Receiver input
Non-Inverting
Pin 7 - B - Driver Output / Receiver Input Inverting
Pin 8 - Vcc - Positive Supply 4.75V ≤ Vcc ≤ 5.25V
Figure 5. Driver Propagation Delays
+3V
0V
DRIVER INPUT
A
B
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA –VB
0V
VO–
1.5V
1.5V
tPLH
tF
tR
fSP485 = 1MHz;
tR ≤10ns; tF ≤10ns
VO 1/2VO
1/2VO
tPHL
t SKEW = |t DPLH- tDPHL|
tDPLH
tDPHL
fSP483 = 100kHz;



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com