Electronic Components Datasheet Search
  English  ▼

X  

E2001 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # E2001
Description  SURFACE MOUNT 10BASE-T INTERFACE MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E2001 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  E2001 Datasheet HTML 1Page - Pulse A Technitrol Company E2001 Datasheet HTML 2Page - Pulse A Technitrol Company E2001 Datasheet HTML 3Page - Pulse A Technitrol Company E2001 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
www.pulseeng.com
1
E115.C (
5/07)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
Available in enhanced or standard design versions
Low profile surface mount package
E2000 series part numbers designed for AMD,
DEC, LSI, Motorola, and National transceivers
235°C peak infrared reflow temperature rating
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811
Insertion
Attenuation
Return Loss
Common Mode Rejection
Loss
(TX)
5 to 10 MHz
Crosstalk
(TX)
Hipot
Part
to 10 MHz
(db MIN)
(db MIN)
(db MIN)
(dB MIN)
(Vrms MIN)
Number
(db MAX)
30 MHz
40 MHz
100 MHz
100
Ω
Ω 98 ±13 Ω
Ω
5-10 MHz
5 MHz
10 MHz
50 MHz
100 MHz 200MHz
PE-68025*
-6.0
-35
-35
-35
-18
-15
-35
-60
-60
-55
-50
-45
1500
PE-68026*
-1.0
-30
-35
-35
-18
-15
-35
-60
-60
-55
-50
-45
1500
PE-68027*
-6.5
-35
-35
-35
-18
-15
-35
-60
-60
-55
-50
-45
1500
PE-68056
-1.0
-30
-27
-27
-18
-15
-30
-40
-30
-50
-45
⎯
1500
E2001
-5.5
-30
-30
-35
-18
15
-30
-35
-30
-55
-50
⎯
1500
E2003
-6.0
-30
-27
-27
-18
-15
-35
-40
-35
-45
-30
⎯
1500
E2007
-5.0
-30
-35
-40
-18
-15
-25
-35
-30
-55
-50
⎯
1500
E2009
-1.0
-30
-27
-27
-18
-15
-35
-40
-35
-45
-45
⎯
1500
NOTE: Part numbers indicated with an asterisk (*) are enhanced performance parts. All transmit turns ratios are 1:1, except the E2009 which is
1: 1.414. For the PE-680XX part series, the receive and transmit sides meet IEEE 802.3i 1993 specifications, while transmit side is enhanced for
FCC/VDE Class B system emissions requirement. Specifications reflect filter sections. Additional attenuation is due to predistortion resistors.
Electrical Specifications @25°C
⎯
⎯Operating Temperature 0°C to +70°C
Mechanical
PE-680xx, E200X
16X .040
1,02
.100
2,54
SUGGESTED PAD LAYOUT
16X .090
2,29
7X
.100 (=.700)
2,54 (=17,78)
.540
13,72
16X .035
0,89
.385
9,78
.385
9,78
0° – 8°
16 SURFACES
.004/0,100
16X .018
0,46
.040
1,02
.230 MAX
5,84
PE-680XX/E200X
DATE CODE
COUNTRY OF ORIGIN
.700
17,78
7X .100
2,54
A
.500
12,70
Weight . . . . . . . . . . . . . . . . .2.5 grams
Tube . . . . . . . . . . . . . . . . . . . . .20/tube
Tape & Reel
PE-680XX . . . . . . . . . . . . . . . .250/reel
E200X . . . . . . . . . . . . . . . . . . .300/reel
Part Number
Dimension A
E200X
1.00 / 25,40
PE-680XX
.920 / 23,37
SURF
ACE
MOUNT


Similar Part No. - E2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2001 ETC1-E2001 Datasheet
554Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
Pulse A Technitrol Comp...
E2001 PULSE-E2001 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
logo
ITT Industries
E2001-10008 ITT-E2001-10008 Datasheet
75Kb / 1P
ASSEMBLY, RIGHT ANGLE, 8 POSITION, PHD-TEMPUS
E2001-10017 ITT-E2001-10017 Datasheet
77Kb / 1P
ASSEMBLY, VERTICAL, 8 POSITION, PHD-TEMPUS
E2001-10029 ITT-E2001-10029 Datasheet
77Kb / 1P
ASSEMBLY, CABLE CONNECTOR 8 POSITION, PHD-TEMPUS
More results

Similar Description - E2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2001 ETC1-E2001 Datasheet
554Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
10Base-T Interface Module
logo
Bothhand USA, LP.
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
Pulse A Technitrol Comp...
PE-68011 PULSE-PE-68011 Datasheet
46Kb / 2P
10BASE-T INTERFACE MODULES
EX2001T PULSE-EX2001T Datasheet
126Kb / 2P
EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
E2009QNLT PULSE-E2009QNLT Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
E104 PULSE-E104 Datasheet
141Kb / 2P
10BASE-T THROUGH HOLE INTERFACE MODULES
E115 PULSE-E115 Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com