Electronic Components Datasheet Search
  English  ▼

X  

E2001 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # E2001
Description  SURFACE MOUNT 10BASE-T INTERFACE MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E2001 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  E2001 Datasheet HTML 1Page - Pulse A Technitrol Company E2001 Datasheet HTML 2Page - Pulse A Technitrol Company E2001 Datasheet HTML 3Page - Pulse A Technitrol Company E2001 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.pulseeng.com
3
E115.C (
5/07)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811
Resistor Values (
Ω)
Part
IC
R1
R2
R3
R4
R5
R6
R7
Number
Manufacturer
E2001
National
348.0
53.6
53.6
348.0
806
49.9
49.9
E2003
AMD
61.9
422.0
61.9
422.0
1,210
49.9
49.9
E2007
Motorola
39.0
⎯
39
⎯⎯
49.9
49.9
LOW PASS
FILTER
5
8
6
LOW PASS
FILTER
R5
100 W
4
3
2
1
TRANSMIT CHANNEL
CHIP SIDE
UTP SIDE
R1
R2
R3
R4
1:1
NOTE: Common Mode Choke on transmit channel for E2001 and E2003.
LOW PASS
FILTER
16
14
12
9
11
LOW PASS
FILTER
15
R6
R7
RECEIVE CHANNEL
CHIP SIDE
UTP SIDE
1:1
100 W
NOTE 1
Schematic
E2001, E2003, E2007
Typical Application Circuit
E2001, E2003, E2007
R1 R2
R3
R4
LPF
ANALOG INTERFACE MODULE
RJ-45
CONNECTOR
UTP
TD-
TD+
RD+
RD-
TWISTED
PAIR
TRANSMIT
OUTPUTS
16
LPF
LPF
LPF
RXI+
RXI-
14
13 12
11
10
9
13
5
6
7
8
2
1
3
6
.01µF
24
R5
R7 R6
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com