Electronic Components Datasheet Search
  English  ▼

X  

GC2307 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GC2307
Description  P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GC2307 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GC2307 Datasheet HTML 1Page - E-Tech Electronics LTD GC2307 Datasheet HTML 2Page - E-Tech Electronics LTD GC2307 Datasheet HTML 3Page - E-Tech Electronics LTD GC2307 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CORPORATION
2/4
ISSUED DATE :2005/06/20
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-16
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.01
-
V/ :
Reference to 25 , I
:
D=-1mA
Gate Threshold Voltage
VGS(th)
-
-
-1.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
12
-
S
VDS=-5V, ID=-4A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V
Drain-Source Leakage Current(Tj=25 )
:
-
-
-1
uA
VDS=-16V, VGS=0
Drain-Source Leakage Current(Tj=70 )
:
IDSS
-
-
-25
uA
VDS=-12V, VGS=0
-
-
60
VGS=-4.5V, ID=-4A
-
-
70
VGS=-2.5V, ID=-3.0A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
90
m
VGS=-1.8V, ID=-2.0A
Total Gate Charge2
Qg
-
15
24
Gate-Source Charge
Qgs
-
1.3
-
Gate-Drain (“Miller”) Change
Qgd
-
4
-
nC
ID=-4A
VDS=-12V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
8
-
Rise Time
Tr
-
11
-
Turn-off Delay Time
Td(off)
-
54
-
Fall Time
Tf
-
36
-
ns
VDS=-10V
ID=-1A
VGS=-10V
RG=3.3
RD=10
Input Capacitance
Ciss
-
985
1580
Output Capacitance
Coss
-
180
-
Reverse Transfer Capacitance
Crss
-
160
-
pF
VGS=0V
VDS=-15V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.2A, VGS=0V
Reverse Recovery Time2
Trr
-
39
-
ns
Reverse Recovery Charge
Qrr
-
26
-
nC
IS=-4A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com