Electronic Components Datasheet Search
  English  ▼

X  

GC2307 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GC2307
Description  P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GC2307 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GC2307 Datasheet HTML 1Page - E-Tech Electronics LTD GC2307 Datasheet HTML 2Page - E-Tech Electronics LTD GC2307 Datasheet HTML 3Page - E-Tech Electronics LTD GC2307 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CORPORATION
1/4
ISSUED DATE :2005/06/20
REVISED DATE :
G
G C
C 22330077
P
P -- C
C H
H A
A N
N N
N E
E L
L E
E N
N H
H A
A N
N C
C E
E M
M E
E N
N T
T M
M O
O D
D E
E P
P O
O W
W E
E R
R M
M O
O S
S F
F E
E T
T
Description
The GC2307 provides the designer with the best combination of fast switching, low on-resistance and
cost-effectiveness.
The GC2307 is universally preferred for all commercial-industrial applications and suited for low voltage
applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-16
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current3
ID @TA=25 :
-4.0
A
Continuous Drain Current3
ID @TA=70 :
-3.3
A
Pulsed Drain Current1
IDM
-12
A
Power Dissipation
PD @TA=25 :
1.38
W
Linear Derating Factor
0.01
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
90
/W
Pb Free Plating Product
BVDSS
-16V
RDS(ON)
60m
ID
-4.0A
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - GC2307

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GC2307 GTM-GC2307 Datasheet
289Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GC2307

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GC2301 ETL-GC2301 Datasheet
243Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G6401 ETL-G6401 Datasheet
425Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G152B ETL-G152B Datasheet
491Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G1333 ETL-G1333 Datasheet
355Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2303 ETL-G2303 Datasheet
405Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2305 ETL-G2305 Datasheet
394Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2605 ETL-GT2605 Datasheet
366Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2623 ETL-GT2623 Datasheet
338Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2625 ETL-GT2625 Datasheet
354Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GTT2605 ETL-GTT2605 Datasheet
292Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com