Electronic Components Datasheet Search
  English  ▼

X  

GE730 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE730
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE730 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE730 Datasheet HTML 1Page - E-Tech Electronics LTD GE730 Datasheet HTML 2Page - E-Tech Electronics LTD GE730 Datasheet HTML 3Page - E-Tech Electronics LTD GE730 Datasheet HTML 4Page - E-Tech Electronics LTD GE730 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GE730
Page: 2/5
ISSUED DATE :2005/08/30
REVISED DATE :
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
400
-
-
V
VGS=0, ID=1mA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.36
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
30
-
S
VDS=10V, ID=2.75A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D30V
Drain-Source Leakage Current(Tj=25 : )
-
-
10
uA
VDS=400V, VGS=0
Drain-Source Leakage Current(Tj=150 : )
IDSS
-
-
100
uA
VDS=320V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
-
1
Ł
VGS=10V, ID=2.75A
Total Gate Charge3
Qg
-
35
-
Gate-Source Charge
Qgs
-
3.7
-
Gate-Drain (“Miller”) Change
Qgd
-
20
-
nC
ID=5.5A
VDS=320V
VGS=10V
Turn-on Delay Time3
Td(on)
-
8
-
Rise Time
Tr
-
20
-
Turn-off Delay Time
Td(off)
-
47
-
Fall Time
Tf
-
18
-
ns
VDD=200V
ID=5.5A
VGS=10V
RG=10 Ł
RD=36 Ł
Input Capacitance
Ciss
-
565
-
Output Capacitance
Coss
-
70
-
Reverse Transfer Capacitance
Crss
-
38
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage3
VSD
-
-
1.5
V
IS=5.5A, VGS=0V, Tj=25 :
Continuous Source Current (Body Diode)
IS
-
-
5.5
A
VD=VG=0V, VS=1.5V
Pulsed Source Current (Body Diode)
1
ISM
-
-
23
A
Notes: 1. Pulse width limited by safe operating area.
2. Staring Tj=25 : , VDD=50V, L=15mH, RG=25 , IAS=5.5A.
3. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com