Electronic Components Datasheet Search
  English  ▼

X  

GE730 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GE730
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE730 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GE730 Datasheet HTML 1Page - E-Tech Electronics LTD GE730 Datasheet HTML 2Page - E-Tech Electronics LTD GE730 Datasheet HTML 3Page - E-Tech Electronics LTD GE730 Datasheet HTML 4Page - E-Tech Electronics LTD GE730 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GE730
Page: 1/5
ISSUED DATE :2005/08/30
REVISED DATE :
G
G E
E 773300
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GE730 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-220 is universally preferred for all commercial-industrial applications. The device is suited for switch
mode power supplies, DC-AC converters and high current high speed switching circuits.
Features
*Dynamic dv/dt Rating
*Repetitive Avalanche Rated
*Simple Drive Requirement
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.00
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
f 30
V
Continuous Drain Current, VGS@10V
ID @TC=25 :
5.5
A
Continuous Drain Current, VGS@10V
ID @TC=100 :
3.5
A
Pulsed Drain Current1
IDM
23
A
Total Power Dissipation
PD @TC=25 :
74
W
Linear Derating Factor
0.59
W/
Single Pulse Avalanche Energy2
EAS
260
mJ
Avalanche Current
IAR
5.5
A
Repetitive Avalanche Energy
EAR
7
mJ
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-c
1.7
/W
Thermal Resistance Junction-ambient
Max.
Rthj-a
62
/W
BVDSS
400V
RDS(ON)
1.0
ID
5.5A
Pb Free Plating Product


Similar Part No. - GE730

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE730 GTM-GE730 Datasheet
314Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GE730

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com