Electronic Components Datasheet Search
  English  ▼

X  

MAX889R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX889R
Description  Inverting Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX889R Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX889R Datasheet HTML 1Page - Maxim Integrated Products MAX889R Datasheet HTML 2Page - Maxim Integrated Products MAX889R Datasheet HTML 3Page - Maxim Integrated Products MAX889R Datasheet HTML 4Page - Maxim Integrated Products MAX889R Datasheet HTML 5Page - Maxim Integrated Products MAX889R Datasheet HTML 6Page - Maxim Integrated Products MAX889R Datasheet HTML 7Page - Maxim Integrated Products MAX889R Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX889 inverting charge pump delivers a regulated
negative output voltage at loads of up to 200mA. The
device operates with inputs from 2.7V to 5.5V to produce
an adjustable, regulated output from -2.5V to -VIN.
The MAX889 is available with an operating frequency of
2MHz (T version), 1MHz (S version), or 0.5MHz (R ver-
sion). The higher switching frequency devices allow the
use of smaller capacitors for space-limited applica-
tions. The lower frequency devices have lower quies-
cent current.
The MAX889 also features a 0.1µA logic-controlled
shutdown mode and is available in an 8-pin SO pack-
age. An evaluation kit, MAX889SEVKIT, is available.
________________________Applications
TFT Panels
Hard Disk Drives
Camcorders
Digital Cameras
Measurement Instruments
Battery-Powered Applications
Features
o 200mA Output Current
o Up to 2MHz Switching Frequency
o Small Capacitors (1µF)
o +2.7V to +5.5V Input Voltage Range
o Adjustable Regulated Negative Output
(-2.5V to -VIN)
o 0.1µA Logic-Controlled Shutdown
o Low 0.05Ω Output Resistance (in regulation)
o Soft-Start and Foldback Current Limited
o Short-Circuit and Thermal Shutdown Protected
o 8-Pin SO Package
High-Frequency, Regulated,
200mA, Inverting Charge Pump
________________________________________________________________ Maxim Integrated Products
1
SHDN
OUT
CAP-
1
2
8
7
AGND
FB
CAP+
GND
IN
SO
TOP VIEW
3
4
6
5
MAX889
Pin Configuration
MAX889
IN
INPUT +2.7V TO +5.5V
REGULATED
NEGATIVE
OUTPUT
(UP TO -1
× VIN,
UP TO 200mA)
FB
OUT
GND
AGND
CAP+
ON
OFF
SHDN
CAP-
Typical Operating Circuit
19-1774; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
SWITCHING
FREQUENCY
MAX889TESA
-40
°C to +85°C
8 SO
2MHz
MAX889SESA
-40
°C to +85°C
8 SO
1MHz
MAX889RESA
-40
°C to +85°C
8 SO
0.5MHz
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX889R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX889RESA MAXIM-MAX889RESA Datasheet
301Kb / 8P
High-Frequency, Regulated, 200mA, Inverting Charge Pump
More results

Similar Description - MAX889R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
MAX889 MAXIM-MAX889 Datasheet
301Kb / 8P
High-Frequency, Regulated, 200mA, Inverting Charge Pump
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
Micro Power Inverting Charge Pump
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com