Electronic Components Datasheet Search
  English  ▼

X  

MAX889R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX889R
Description  Inverting Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX889R Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX889R Datasheet HTML 1Page - Maxim Integrated Products MAX889R Datasheet HTML 2Page - Maxim Integrated Products MAX889R Datasheet HTML 3Page - Maxim Integrated Products MAX889R Datasheet HTML 4Page - Maxim Integrated Products MAX889R Datasheet HTML 5Page - Maxim Integrated Products MAX889R Datasheet HTML 6Page - Maxim Integrated Products MAX889R Datasheet HTML 7Page - Maxim Integrated Products MAX889R Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High-Frequency, Regulated,
200mA, Inverting Charge Pump
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = V SHDN = +5V, capacitors from Table 1, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
FB, SHDN, CAP+ to GND ............................-0.3V to (VIN + 0.3V)
AGND to GND .......................................................-0.3V to +0.3V
OUT to GND .............................................................-6V to +0.3V
CAP- to GND ............................................(VOUT - 0.3V) to +0.3V
Continuous Output Current ...............................................250mA
Output Short-Circuit Duration ........................................Indefinite
Continuous Power Dissipation (TA = +70
°C)
8-Pin SO (derate 5.88mW/
°C above +70°C)...............471mW
Operating Temperature Range...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) ................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
RLOAD = 100
Ω
2.7
5.5
V
Output Voltage Range
VOUT
R LOAD = 100
Ω
-2.5
-VIN
V
IOUT(MAX)1
VIN = 5V, VOUT = -3.3V
200
Maximum Output Current
IOUT(MAX)2
VIN = 3.3V, VOUT = -2.5V
145
mA
MAX889R
6
12
MAX889S
12
24
Quiescent Supply
Current (Free-Run Mode)
IQ(FREE-RUN)
No load, VFB = VIN
MAX889T
24
48
mA
MAX889R
3.3
7
MAX889S
5.5
12
Quiescent Supply
Current (Regulated Mode)
IQ(REGULATED)
No load, VOUT regulated to
-3.3V
MAX889T
11
22
mA
Shutdown Supply Current
I SHDN
V SHDN = 0
0.1
50
µA
Open-Loop Output
Resistance (Free-Run Mode)
RO
VFB = VIN
2.0
4.5
Ω
Output Resistance
RO(REG1)
VOUT regulated to -3.3V
0.05
Ω
SHDN, FB Input Bias Current
±1
µA
FB Input Offset Voltage
ILOAD = 0
±3
±35
mV
Load Regulation
IOUT = 0 to 200mA
10
mV
IN Undervoltage Lockout
Threshold
VIN rising (30mV hysteresis)
2.3
2.6
V
SHDN Logic High
VIH
0.7 x VIN
SHDN Logic Low
VIL
VIN = +2.7V to +5.5V
0.3 x VIN
V
MAX889R
0.375
0.5
0.62
MAX889S
0.75
1
1.25
Switching Frequency
fOSC
MAX889T
1.5
2
2.5
MHz
Thermal Shutdown Threshold
Junction temperature rising
(15
°C hysteresis)
160
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com