Electronic Components Datasheet Search
  English  ▼

X  

MAX16992 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16992
Description  Boost/SEPIC Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16992 Datasheet HTML 7Page - Maxim Integrated Products MAX16992 Datasheet HTML 8Page - Maxim Integrated Products MAX16992 Datasheet HTML 9Page - Maxim Integrated Products MAX16992 Datasheet HTML 10Page - Maxim Integrated Products MAX16992 Datasheet HTML 11Page - Maxim Integrated Products MAX16992 Datasheet HTML 12Page - Maxim Integrated Products MAX16992 Datasheet HTML 13Page - Maxim Integrated Products MAX16992 Datasheet HTML 14Page - Maxim Integrated Products MAX16992 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/SEPIC Controllers
11
Maxim Integrated
Pin Descriptions (continued)
Functional Diagram
MAX16990AUBA/B,
MAX16992AUBA/B
MAX16990ATCC/D,
MAX16992ATCC/D
MAX16990ATCE/F,
MAX16992ATCE/F
NAME
FUNCTION
µMAX-EP
TQFN-EP
TQFN-EP
—
—
—
EP
Exposed Pad. Internally connected to GND.
Connect to a large ground plane to maximize
thermal performance. Not intended as an electrical
connection point.
5V REGULATOR
+ REFERENCE
UVLO
PVL
SUP
(OVP)
EN
FSET/SYNC
(SYNCO)
PGOOD
DRV
GND
EN
THERMAL
ISNS
REF.
250mV
CONTROL
LOGIC
OSCILLATOR
THERMAL
50µA x fSW
BLANKING
TIME
VPVL - 0.4V
1V
COMP
FB
(REFIN)
PGOOD
COMPARATOR
OTA
MAX16990
MAX16992
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com