Electronic Components Datasheet Search
  English  ▼

X  

MAX16992 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16992
Description  Boost/SEPIC Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16992 Datasheet HTML 1Page - Maxim Integrated Products MAX16992 Datasheet HTML 2Page - Maxim Integrated Products MAX16992 Datasheet HTML 3Page - Maxim Integrated Products MAX16992 Datasheet HTML 4Page - Maxim Integrated Products MAX16992 Datasheet HTML 5Page - Maxim Integrated Products MAX16992 Datasheet HTML 6Page - Maxim Integrated Products MAX16992 Datasheet HTML 7Page - Maxim Integrated Products MAX16992 Datasheet HTML 8Page - Maxim Integrated Products MAX16992 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/SEPIC Controllers
2
Maxim Integrated
EN, SUP, OVP, FB to GND....................................-0.3V to +42V
DRV, SYNCO, FSET/SYNC, COMP,
PGOOD, ISNS, REFIN to GND............ -0.3V to (VPVL + 0.3V)
PVL to GND............................................................... -0.3V to 6V
Continuous Power Dissipation (TA = +70NC)
F
MAX on SLB (derate 10.3mW/NC above +70NC).......825mW
F
MAX on MLB (derate 12.9mW/NC above +70NC)....1031mW
TQFN on SLB (derate 13.2mW/NC above +70NC).....1053mW
TQFN on MLB (derate 14.7mW/NC above +70NC)....1176mW
Operating Temperature Range........................ -40NC to +125NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
F
MAX (Single-Layer Board)
Junction-to-Ambient Thermal Resistance (BJA) ..........97NC/W
Junction-to-Case Thermal Resistance (BJC) .................5NC/W
F
MAX (Four-Layer Board)
Junction-to-Ambient Thermal Resistance (BJA) ..........78NC/W
Junction-to-Case Thermal Resistance (BJC) .................5NC/W
TQFN (Single-Layer Board)
Junction-to-Ambient Thermal Resistance (BJA) ..........76NC/W
Junction-to-Case Thermal Resistance (BJC) ...............11NC/W
TQFN (Four-Layer Board)
Junction-to-Ambient Thermal Resistance (BJA) ..........68NC/W
Junction-to-Case Thermal Resistance (BJC) ...............11NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VSUP = 14V, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA =+25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
SUP Operating Supply Range
VSUP
4.5
36
V
SUP Supply Current in Operation
ICC
VFB = 1.1V, no
switching
MAX16990
0.75
1.3
mA
MAX16992
1.25
2
SUP Supply Current in Shutdown
ISHDN
VEN = 0V
4
7
F
A
OVP Threshold Voltage
VOVP
OVP rising
105
110
115
% of
VFB
OVP Threshold Voltage
Hysteresis
VOVPH
2.5
% of
VFB
OVP Input Current
IOVP
-1
+1
F
A
PVL REGULATOR
PVL Output Voltage
VPVL
4.7
5
5.3
V
PVL Undervoltage Lockout
VUV
SUP rising
3.8
4
4.3
V
PVL Undervoltage-Lockout
Hysteresis
VUVH
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com