Electronic Components Datasheet Search
  English  ▼

X  

LL4448 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LL4448
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LL4448 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LL4448 Datasheet HTML 1Page - GOOD-ARK Electronics LL4448 Datasheet HTML 2Page - GOOD-ARK Electronics LL4448 Datasheet HTML 3Page - GOOD-ARK Electronics LL4448 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at T
j=25
Symbols
Min.
Typ.
Max.
Units
Forward voltage
at I
F=5mA
at I
F=100mA
V
F
V
F
0.62
-
-
-
0.72
1
Volt
Volt
Leakage current
at V
R=20V
at V
R=75V
at V
R=20V, Tj=150
I
R
I
R
I
R
-
-
-
-
-
-
25
5
50
nA
uA
uA
Reverse breakdown voltage
tested with 100uA pulses
V
(BR)R
100
-
-
Volts
Capacitance
at V
F=VR=0
C
tot
--
4
F
Reverse recovery time
from I
F=10mA to IR=1mA, VR=6V, RL=100
t
rr
--
4
nS
Thermal resistance
junction to ambient Air
R
thA
--
0.35 1)
K/mW
Rectification efficiency
at f=100MHz, V
RF=2V
V
0.45
-
-
-
Note:
(1) Valid provided that electrodes are kept at ambient temperature
Rectification efficiency measurement circuit
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com