Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1116 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1116 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
9 - 23
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
Serial Interface
The AS1116 contains a 16bit SPI interface to access the internal data and control registers of the device (see Digit- and Control-Registers
on page 11)
. The SPI interface is driven with the rising edge of SCL. A falling edge on LD signal indicates the beginning of an access on the
SPI interface, the rising edge on LD determines an access on SPI. An access must consist of exactly 16bits for write operation and 8bits for read
operation. Timing restrictions on the SPI interface pins are defined in Figure 19.
Table 6
shows the structure of the 16bit command word for writing data. The bits D0 to D7 are the data information, bits D8 to D12 are the
address bits, D13 is set to ‘0’, bit D14 is defining the read (D14 = ‘1’) or the write (D14 = ‘0’) configuration and bit D15 is a don’t care bit.
In Table 7 on page 11 the 8bit command word for the read operation can be found.
Bit D0 (write operation) or bit D8 (read operation) is the first bit to shift into the SPI interface after the falling edge of LD. Bit D15 is the last bit to
write to SPI before rising edge of LD.
At a read operation an 8bit operation is executed (see Figure 18). At the first rising edge of SCL after the rising edge of LD D7 of addressed
register is written to SDO pin. At the next rising edge of SCL D6 is written to SDO pin. LD must be kept high during reading data from a internal
data or control register of AS1116.
Figure 17. Write operation
Figure 18. Read operation
Table 6. 16-Bit Serial Data Format
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
LSB
Data
MSB
Register Address (see Table 7)
0
R/W
X
1
9
8
16
D3
D4
D5
D6
D7
D1
D2
D0
SCL
LD
SDI
D11 D12 D13 D14 D15
D9
D10
D8
SDO
D3
D4
D5
D6
D7
D1
D2
D0
D11 D12 D13 D14 D15
D9
D10
D8
1
9
8
16
D11 D12 D13 D14 D15
D9
D10
D8
SCL
LD
SDI
D4
D3
D2
D1
D0
D6
D5
D7
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com