Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1116 Datasheet(HTML) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1116 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
15 - 23
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
Intensity Control Register (0x0A)
The brightness of the display can be controlled by digital means using the Intensity Control Registers and by analog means using RSET (see
Selecting RSET Resistor Value and Using External Drivers on page 17
). The intensity can be controlled globally for all digits, or
for each digit individually. The global intensity command will write intensity data to all four individual brightness registers, while the individual
intesity command will only write to the associated individual intensity register.
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the Intensity Control Register.
The modulator scales the average segment-current in 16 steps from a maximum of 15/16 down to 1/16 of the peak current set by RSET.
Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 8 digits are to be displayed, the update frequency is typically
0.8kHz. If the number of digits displayed is reduced, the update frequency is increased. The frequency can be calculated using 8fOSC/N, where
N is the number of digits. Since the number of displayed digits influences the brightness, RSET should be adjusted accordingly.
Note:
To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 16. Intensity Register Format
Duty Cycle
HEX Code
Register Data
Duty Cycle
HEX Code
Register Data
MSB
D2
D1
LSB
MSB
D2
D1
LSB
1/16 (min on)
0xX0
0
0
0
0
9/16
0xX8
1
0
0
0
2/16
0xX1
0
0
0
1
10/16
0xX9
1
0
0
1
3/16
0xX2
0
0
1
0
11/16
0xXA
1
0
1
0
4/16
0xX3
0
0
1
1
12/16
0xXB
1
0
1
1
5/16
0xX4
0
1
0
0
13/16
0xXC
1
1
0
0
6/16
0xX5
0
1
0
1
14/16
0xXD
1
1
0
1
7/16
0xX6
0
1
1
0
15/16
0xXE
1
1
1
0
8/16
0xX7
0
1
1
1
15/16 (max on)
0xXF
1
1
1
1
Table 17. Intensity Register Address
Register HEX Address
Register Data
Type
D7:D4
D3:D0
0x0A
Global
X
Global Intensity
0x10
Digit
Digit 1 Intensity
Digit 0 Intensity
0x11
Digit
Digit 3 Intensity
Digit 2 Intensity
0x12
Digit
Digit 5 Intensity
Digit 4 Intensity
0x13
Digit
Digit 7 Intensity
Digit 6 Intensity
Table 18. Scan-Limit Register Format (Address (HEX) = 0x0B))
Scan Limit
HEX
Code
Register Data
Scan Limit
HEX
Code
Register Data
D7:D3
D2
D1
D0
D7:D3
D2
D1
D0
Display digit 0 only
0xX0
X
0
0
0
Display digits 0:4
0xX4
X
1
0
0
Display digits 0:1
0xX1
X
0
0
1
Display digits 0:5
0xX5
X
1
0
1
Display digits 0:2
0xX2
X
0
1
0
Display digits 0:6
0xX6
X
1
1
0
Display digits 0:3
0xX3
X
0
1
1
Display digits 0:7
0xX7
X
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com