Electronic Components Datasheet Search
  English  ▼

X  

AS3635 Datasheet(PDF) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3635 Datasheet(HTML) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3635 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
16 - 20
AS3635
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Photoflash Capacitor CFLASH
The photoflash capacitor stores the energy for the flash. Its capacitance define the maximum available energy. Using
higher value capacitors as shown in Table 6 is possible, but will increase the charging time.
It is recommended to use low ESR capacitors to avoid loosing power during flash (it is also possible to connect two
capacitors in parallel to reduce ESR):
Photoflash Charger rectification diode DCHARGE
The rectification diode should have very low parasitic capacitance
5
and has to withstand the operating current and
reverse voltages.
Supply Capacitor CVBAT and charge pump capacitor CV5V
Low ESR capacitors should be used to minimize VBAT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. The capacitor should be located as close to the
device as possible.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide voltage and temperature
range.
If a different output capacitor is chosen, ensure low ESR values and voltage ratings.
Table 6. Recommended Photoflash Capacitors
Component
Part Number
Capacitor
Voltage
rating
Size
Manufacturer
CFLASH
330FW13A6.3X20
2x13.5µF
1
1. Different capacitor values are possible to be used together with the AS3635. Lower capacitor value will reduce
charging time, lower ESR capacitor will improve light output energy and reduce losses in the capacitor during
the flash pulse.
330V
Cylinder
2 x l=24mm,
d=7mm
Rubycon
www.rubycon.co.jp
5. A low parasitic capacitance improves charging efficiency.
Table 7. Recommended Rectification Diodes
Component
Part Number
Parasitic
Capacitor
Voltage
rating
Size
Manufacturer
DCHARGE
FVO2R80
5pF
800V
1.25x2.5mm
Origin
www.origin.co.jp
GSD2004S
5pF / 2
2x240V
SOT-23
2.4x3.0mm
Vishay
www.vishay.com
BAS21
5pF / 2
2x250V
SC-70
2.0x2.1mm
OnSemi
www.onsemi.com
Table 8. Recommended
CVBAT and CV5V Capacitor
Component
Part Number
C
TC Code
Rated
Voltage
Size
Manufacturer
CV5V
GRM155R60J474
470nF
X5R
6.3V
0402
Murata
www.murata.com
GRM155R60J105
GRM155R61A105
1µF
X5R
6.3V
10V
0402
CVBAT
GRM188R60J475
4.7µF
X5R
6.3V
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com