Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # ZMM5259
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZMM5259 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  ZMM5259 Datasheet HTML 1Page - GOOD-ARK Electronics ZMM5259 Datasheet HTML 2Page - GOOD-ARK Electronics ZMM5259 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Features
ZMM5225 THRU ZMM5262
SILICON PLANAR ZENER DIODES
Silicon Planar Zener Diodes
Standard Zener voltage tolerance is
20%. Add suffix “A”
for
10% tolerance and suffix “B” for
5% tolerance.
Other tolerances, non standard and higher Zener voltages
upon request.
These diodes are also availabel in DO-35 case with the type
designation 1N5225 thru 1N5262.
These diodes are delivered typed.
Details see “Taping”.
Weight approx. : 0.13g
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=75
P
tot
500 1)
mW
Junction temperature
T
j
175
Storage temperature range
T
S
-65 to +175
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
0.3 1)
K/mW
Forward voltage at I
F=200mA
V
F
--
1.1
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.134
0.142
3.4
3.6
B
0.055
0.059
1.40
1.50
C
0.008
0.016
0.2
0.4


Similar Part No. - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5259 SEMTECH-ZMM5259 Datasheet
402Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5259 GE-ZMM5259 Datasheet
75Kb / 3P
ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5259 DAESAN-ZMM5259 Datasheet
414Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5259 DAYA-ZMM5259 Datasheet
366Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
ZMM5259 JINANJINGHENG-ZMM5259 Datasheet
118Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com