Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # ZMM5259
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZMM5259 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  ZMM5259 Datasheet HTML 1Page - GOOD-ARK Electronics ZMM5259 Datasheet HTML 2Page - GOOD-ARK Electronics ZMM5259 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) The Zener Impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener current (I
ZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two
points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
(2) Valid provided that electrodes are kept at ambient temperature.
(3) Measured under thermal equilibrium and DC test conditions.
Type
Nominal
Zener
voltage 3)
Test
current
Maximum Zener Impedance 1) Maximum reverse leakage current
Maximum
regulator
current 2)
Typical
temperature
coefficient
at I
ZT
V
Z
I
ZT
at I
ZT
Z
ZT
at
I
ZK=0.25mA
Z
ZK
I
R
Test voltage
Suffix A
Suffix B
I
ZM
VZ
VmA
uA
V
R VVR VmA
%/K
ZMM5225
3.0
20
29
1600
50
0.95
1.0
152
-0.075
ZMM5226
3.3
20
28
1600
25
0.95
1.0
138
-0.070
ZMM5227
3.6
20
24
1700
15
0.95
1.0
126
-0.065
ZMM5228
3.9
20
23
1900
10
0.95
1.0
115
-0.060
ZMM5229
4.3
20
22
2000
5
0.95
1.0
106
-0.055
ZMM5230
4.7
20
19
1900
5
1.9
2.0
97
±
0.030
ZMM5231
5.1
20
17
1600
5
1.9
2.0
89
±
0.030
ZMM5232
5.6
20
11
1600
5
2.9
3.0
81
+0.038
ZMM5233
6.0
20
7
1600
5
3.3
3.5
76
+0.038
ZMM5234
6.2
20
7
1000
5
3.8
4.0
73
+0.045
ZMM5235
6.8
20
5
750
3
4.8
5.0
67
+0.050
ZMM5236
7.5
20
6
500
3
5.7
6.0
61
+0.058
ZMM5237
8.2
20
8
500
3
6.2
6.5
55
+0.062
ZMM5238
8.7
20
8
600
3
6.2
6.5
52
+0.065
ZMM5239
9.1
20
10
600
3
6.7
7.0
50
+0.068
ZMM5240
10
20
17
600
3
7.6
8.0
45
+0.075
ZMM5241
11
20
22
600
2
8.0
8.4
41
+0.076
ZMM5242
12
20
30
600
1
8.7
9.1
38
+0.077
ZMM5243
13
9.5
13
600
0.5
9.4
9.9
35
+0.079
ZMM5244
14
9.0
15
600
0.1
9.5
10
32
+0.082
ZMM5245
15
8.5
16
600
0.1
10.5
11
30
+0.082
ZMM5246
16
7.8
17
600
0.1
11.4
12
28
+0.083
ZMM5247
17
7.4
19
600
0.1
12.4
13
27
+0.084
ZMM5248
18
7.0
21
600
0.1
13.3
14
25
+0.085
ZMM5249
19
6.6
23
600
0.1
13.3
14
24
+0.086
ZMM5250
20
6.2
25
600
0.1
14.3
15
23
+0.086
ZMM5251
22
5.6
29
600
0.1
16.2
17
21
+0.087
ZMM5252
24
5.2
33
600
0.1
17.1
18
19.1
+0.087
ZMM5253
25
5.0
35
600
0.1
18.1
19
18.2
+0.089
ZMM5254
27
4.6
41
600
0.1
20
21
16.8
+0.090
ZMM5255
28
4.5
44
600
0.1
20
21
16.2
+0.091
ZMM5256
30
4.2
49
600
0.1
22
23
15.1
+0.091
ZMM5257
33
3.8
58
700
0.1
24
25
13.8
+0.092
ZMM5258
36
3.4
70
700
0.1
26
27
12.6
+0.093
ZMM5259
39
3.2
80
800
0.1
29
30
11.6
+0.094
ZMM5260
43
3.0
93
900
0.1
31
33
10.6
+0.095
ZMM5261
47
2.7
105
1000
0.1
34
36
9.7
+0.095
ZMM5262
51
2.5
125
1100
0.1
37
39
8.9
+0.096
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com