Electronic Components Datasheet Search
  English  ▼

X  

B-XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B-XT
Description  1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B-XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B-XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B
B-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 6
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
Rated Load
pF
KHrs
B0303XT
3.3
410
3.3
303
81
29
5348
B0305XT
3.3
390
5
200
83
30
3847
B0309XT
3.3
400
9
111
74
34
3134
B0312XT
3.3
400
12
83
76
40
3473
B0315XT
3.3
400
15
66
81
42
2473
B0503XT
5
270
3.3
303
85
31
5515
B0505XT
5
294
5
200
83
33
6857
B0505NXT
5
260
5
200
86
42
3933
B0506XT
5
278
6
167
83
43
6677
B0509XT
5
267
9
111
85
38
5501
B0512XT
5
260
12
83
74
44
3957
B0515XT
5
256
15
66
78
43
2747
B1205XT
12
124
5
200
80
50
4683
B1209XT
12
114
9
111
80
72
4008
B1212XT
12
113
12
83
85
89
3121
B1215XT
12
111
15
66
81
100
2316
1. Calculated using MIL-HDBK-217FN2 with nominal input voltage at full load.
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
B
B
①05
05
② 05
05
③ X
X
④ T
T
⑤
①
Product Series
②
Input Voltage
③
Output Voltage
④
Fixed Input
⑤
SMD Package
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
FEATURES
FEATURES
◆
Footprint over pins 1.37cm2
◆
Short Circuit Protection(automatic recovery)
◆
I/O isolation voltage 1000VDC
◆
Operating Temperature: -40℃~﹢85℃
◆
High efficiency up to 78%
◆
Toroidal magnetics
◆
Small SMD package with footprint
◆
Power density 1.8W/cm3
◆
Lead frame technology
◆
Multi-layer ceramic capacitors
◆
Custom solutions available
APPLICATIONS
APPLICATIONS
The B-XT series are miniature,1W DC/DC
converters with high isolation in a SMD package.
With a new package design these converters are
qualified for the higher temperatures requested
by lead-free reflow solder processes. With the
small footprint, these converters are the ideal
solution for board level power distribution,mainly
for applications in the industrial and telecom field.
For automated SMD production lines the devices
can be supplied in standard tape and reel
package.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input
2.97
3.3
3.63
VDC
Continuous operation, 5V input
4.5
5
5.5
VDC
Continuous operation, 12V input
10.8
12
13.2
VDC
Start up time
30
47
mA p-p
IIsolation
solation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
110
kHz
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
600mW
Input voltage V , B03 types
5.5V
Input voltage Vin, B05 types
7V
Input voltage Vin, B12 types
15V


Similar Part No. - B-XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
B-XD-2W MICRODC-B-XD-2W Datasheet
1Mb / 5P
Isolated 2WSingle Output DC/DC Converters
B-XES MICRODC-B-XES Datasheet
558Kb / 3P
Isolated 2W Single Output DC/DC Converters
B-XLD MICRODC-B-XLD Datasheet
690Kb / 4P
Isolated 1W Single Output DC/DC Converters
More results

Similar Description - B-XT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
Microdc power Technolog...
A-XT MICRODC-A-XT Datasheet
983Kb / 6P
1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com