Electronic Components Datasheet Search
  English  ▼

X  

B-XT Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # B-XT
Description  1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B-XT Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  B-XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd B-XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B
B-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 6
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
0.1
1.0
W
Voltage Set Point
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Load regulation1
10% load to rated load, 0303& 0503
10
14
%
10% load to rated load, 0505& 1205
12.8
15
%
10% load to rated load, 0506
9.2
10
%
10% load to rated load, 0509 & 1209
8.3
9.0
%
10% load to rated load, 0512& 1212
6.8
7.5
%
10% load to rated load, 0515& 1215
6.3
7.0
%
Ripple&Noise
BW=DC to 20MHz, 3.3V output types, 0305 & 0505
40
60
mV p-p
BW=DC to 20MHz, 3.3V output types,0505 & 1205
62
85
mV p-p
BW=DC to 20MHz, 0506
103
170
mV p-p
BW=DC to 20MHz, 0509& 1209
49
75
mV p-p
BW=DC to 20MHz, 0512& 1212
39
65
mV p-p
BW=DC to 20MHz, 0515& 1215
38
76
mV p-p
Note:1、12V input types have typically 3% less load regulation change.
Temperature
Temperature Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
℃
Storage
-55
125
℃
Case temperature
rise above ambient
0305, 0309, 0315
25
℃
0303, 0312, 0503, 0505, 0509, 0512C, 0515
30
℃
0505, 1205
43
℃
1209, 1212, 1215
40
℃
Cooling
Free air convection
Technical
Technical notes
notes
ISOLATION VOLTAGE
‘
Hi Pot Test’、“Flash Tested’、”Withstand Voltage“、‘Proof Voltage”、“Dielectric Withstand Voltage'&'Isolation Test Voltage”are all terms that relate to the same thing, a test voltage, applied for a speci
fied time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Professional Power Module B-XT series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the B-XT series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage
represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts
offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a
barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment. The
B-XT series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While parts can be expected to withstand several times the stated test
voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied
voltages thus implying that the number of tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by
20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
Temperature
Temperature derating
derating graph
graph



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com