Electronic Components Datasheet Search
  English  ▼

X  

C7021 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7021
Description  CCD multichannel detector head
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7021 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7021 Datasheet HTML 1Page - Hamamatsu Corporation C7021 Datasheet HTML 2Page - Hamamatsu Corporation C7021 Datasheet HTML 3Page - Hamamatsu Corporation C7021 Datasheet HTML 4Page - Hamamatsu Corporation C7021 Datasheet HTML 5Page - Hamamatsu Corporation C7021 Datasheet HTML 6Page - Hamamatsu Corporation C7021 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CCD multichannel detector head
C7020, C7021, C7025
I Spectral response
I Block diagram (front-illuminated CCD area image sensor)
......
......
V
1H
IG1V IG2V ISV
()
SS
RG
RD
OS
OD
OG
SG
1
2
3
45
6
20
23
22
24
15
14
V=60, 124, 252
H=512, 1024
ISH
IG1H
IG2H
P1H
P2H
13
12
11
10
9
4 BLANK
4 BLANK
4 OPTICAL
BLACK
4 OPTICAL
BLACK
2n SIGNAL OUT
2 ISOLATOIN
2 ISOLATOIN
P1V
P2V
16
TG
I Dark current vs. temperature
I Specifications for temperature controller (C7021, C7025)
(Ta=25 °C, VD1=+5 V, VA1+=+15 V, VA1-= -15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V)
Parameter *7
Symbol
Min.
Typ.
Max.
Unit
Cooling temperature
Ts
-11
-10
-9
°C
Temperature control range
DTs
-0.05
-
+0.05
°C
Power dissipation of TE-cooler element
Pp
-
-
7
W
Cool down time to reset temperature
to
-
-
5
min.
Setting temperature for overheat protection
To
-
+45
-
°C
*7: Other functions include error display, automatic power off, and detection of electrical opens and shorts by the thermosensor.
KMPDB0051EA
KMPDC0015EA
KMPDB0052EA
50
40
30
20
10
0
400
500
600
700
WAVELENGTH (nm)
800
900
1000 1100 1200
(Typ. Ta=25 ˚C)
TEMPERATURE (
°C)
(Tentative Data)
-50
-30
-20
-10
100
0.01
10
1
0.1
010
20
30
10000
1000
-40
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com