Electronic Components Datasheet Search
  English  ▼

X  

C7021 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7021
Description  CCD multichannel detector head
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7021 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7021 Datasheet HTML 1Page - Hamamatsu Corporation C7021 Datasheet HTML 2Page - Hamamatsu Corporation C7021 Datasheet HTML 3Page - Hamamatsu Corporation C7021 Datasheet HTML 4Page - Hamamatsu Corporation C7021 Datasheet HTML 5Page - Hamamatsu Corporation C7021 Datasheet HTML 6Page - Hamamatsu Corporation C7021 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C7020, C7021 and C7025 are high sensitivity multichannel detector heads for use with front-illuminated FFT-CCD area image sensors. C7020 is
designed for the non-cooled front-illuminated CCD image sensors (S7010 series), while C7021 and C7025 for the TE-cooled CCD image sensors
(S7011/S7015 series) for detection at even lower light levels. C7020, C7021 and C7025 incorporate a low-noise driver/amplifier circuit that
provide reliable operation from simple external signals. C7021 and C7025 also include a highly stable temperature controller that cools the sensor
to a preset temperature level (Ts= -10 ˚C) as soon as the power is turned on. If the cooler fails and causes internal circuitry to overheat, the built-
in protection circuit automatically turns off the power to the thermoelectric cooler. Despite its compact size, the housing configuration is designed
for good heat dissipation, and threaded mounting holes on the front panel allow connections to other devices such as monochrometers.
The table below shows front-illuminated CCD image sensors for C7020, C7021 and C7025. C7020, C7021 and C7025 do not come with a CCD
image sensor, so select the desired sensor and order it separately.
Multichannel detector head controller C7310-02 is also available.
Features
l Designed for front-illuminated CCD area image sensor *1
C7020: for non-cooled type
C7021, C7025: for TE-cooled types
l Binning operation *2
l Driver/amplifier circuit for low noise CCD operation
l Highly stable temperature controller (C7021, C7025)
Cooling temperature: fixed at -10 ± 0.05 ˚C
(Ta=10 to 35 ˚C)
l Simple signal input operation
l Compact configuration
Applications
l Fluorescence spectroscopy
l Raman spectroscopy
l Other low light level detection
IMAGE
SENSOR
CCD multichannel detector head
Designed for front-illuminated CCD area image sensors
C7020, C7021, C7025
I Selection guide
The table below shows CCD area image sensors applicable for C7020, C7021, C7025.
Since C7020, C7021, C7025 do not include aCCD area image sensor, so select the desired sensor and order itseparately.
CCD area image sensor
Type No.
Type No.
Number of pixels
Number of
active pixels
Active area
[mm (H) × mm (V)]
S7010-0906
532 × 64
512 × 60
12.288 × 1.440
S7010-0907
532 × 128
512 × 124
12.288 × 2.976
S7010-0908
532 × 256
512 × 252
12.288 × 6.048
S7010-1006
1044 × 64
1024 × 60
24.576 × 1.440
S7010-1007
1044 × 128
1024 × 124
24.576 × 2.976
C7020
S7010-1008
1044 × 256
1024 × 252
24.576 × 6.048
S7011-0906
532 × 64
512 × 60
12.288 × 1.440
S7011-0907
532 × 128
512 × 124
12.288 × 2.976
S7011-1006
1044 × 64
1024 × 60
24.576 × 1.440
C7021
S7011-1007
1044 × 128
1024 × 124
24.576 × 2.976
S7015-0908
532 × 256
512 × 252
12.288 × 6.048
C7025
S7015-1008
1044 × 256
1024 × 252
24.576 × 6.048
*1: The FFT-CCD (full frame transfer CCD) has charge transfer sections that are also used as light receiving areas, being
different from interline transfer CCD (IT-CCD) commonly used in video cameras. Compared to the IT-CCD, the FFT-CCD
offers advantages of low dark current, a 100 % open area ratio and low image lag.
*2: The FFT-CCD was originally designed as a two-dimensional image sensor. However, it can be operated like a linear image
sensor having a large active area by transferring all the pixel signals in the vertical direction to the horizontal register (this is
referred to as line binning).
1


Similar Part No. - C7021

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7021 HAMAMATSU-C7021 Datasheet
299Kb / 8P
Designed for front-illuminated CCD area image sensors
C7021 HAMAMATSU-C7021 Datasheet
333Kb / 6P
Multichannel detector head controller
logo
Cooper Bussmann, Inc.
C7021-01-X COOPER-C7021-01-X Datasheet
137Kb / 2P
Power Feed Thru Terminal Block
C7021-01N-X COOPER-C7021-01N-X Datasheet
137Kb / 2P
Power Feed Thru Terminal Block
C7021-02-X COOPER-C7021-02-X Datasheet
137Kb / 2P
Power Feed Thru Terminal Block
More results

Similar Description - C7021

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
NMOS multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
CCD multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
CCD multichannel detector head
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
Multichannel detector head controller
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
InGaAs multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
NMOS multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
Multichannel detector head controller
C8940 HAMAMATSU-C8940 Datasheet
140Kb / 5P
PCI board for CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com