Electronic Components Datasheet Search
  English  ▼

X  

CC4036 Datasheet(PDF) 2 Page - Marl International Limited

Part # CC4036
Description  High Power Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

CC4036 Datasheet(HTML) 2 Page - Marl International Limited

  CC4036 Datasheet HTML 1Page - Marl International Limited CC4036 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz105c
APPLICATION EXAMPLE:
Efficiency VS. Vin
0.500
0.600
0.700
0.800
0.900
1.000
10.00
15.00
20.00
25.00
30.00
INPUT VOLTAGE (DC)
EFFIENCY VS. Vout
0.000
0.200
0.400
0.600
0.800
1.000
0.00
5.00
10.00
15.00
20.00
25.00
30.00
OUTPUT VOLTAGE (DC)
5W LED - 6 pcs
1W LED - 18 pcs
24Vdc/ 1000mA
+
36Vdc/ 350mA
Input
40Vdc
P/N: xxxxxxx
DATE: xxxxxx
40Vdc 350mA
+ -
- + VR
IN
OUT
CC4036DPH-350
H P T
CC4036DPH-700
DATE: xxxxxx
P/N: xxxxxxx
40Vdc
700mA
+ -
- + VR
IN
OUT
32Vdc/ 700mA
Input
40Vdc
H P T
Input
28Vdc
1W LED - 9 pcs
+
3W LED - 8 pcs
1W LED - 16 pcs
+
P/N: xxxxxxx
IN
OUT
+ -
- + VR
30V 1000mA
DATE: xxxxxx
H P T
CC4036DPH-1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com