Electronic Components Datasheet Search
  English  ▼

X  

CC4036 Datasheet(PDF) 1 Page - Marl International Limited

Part # CC4036
Description  High Power Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

CC4036 Datasheet(HTML) 1 Page - Marl International Limited

  CC4036 Datasheet HTML 1Page - Marl International Limited CC4036 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz105c
LED Driver
High Power Constant Current LED Driver
Total Power
26 Watts max.
Input Voltages
10 ~ 40VDC
Number of Outputs
One
Product Specifications
ANZ#: Z105c, January 16, 2006
SPECIAL FEATURES
• Compact size that maximize design flexibility.
• 1.22” x 1.26” x 0.59” (LxWxH)
• Suitable for wet, damp and dry locations
• High efficiency reduce total power consumption
• Tight regulated constant current output to
maximize the LED performance
• Wide range of input voltage from 10 ~ 40VDC
• Wide selection of pre-adjusted C/C outputs
ENVIRONMENTAL
Operating temperature:
-40 to +60 º C
Storage temperature:
-40 to +80 º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217F)
MODEL : CC4036Dy-zzzz (CC4036DP-350,CC4036DP-700,CC4036DP-1000)
DC Input
Voltage
DC output
working Voltage
Output (Note1)
Constant Current
Watts
Max.
DC Input
Voltage
DC output
working Voltage
Output (Note1)
Constant Current
Watts
Max.
40Vdc
2~36V
300~350mA
13W
28Vdc
2~24V
300~1000mA
24W
40Vdc
2~32V
300~700mA
22W
24Vdc
2~22V
300~1000mA
22W
36Vdc
2~30V
300~700mA
21W
15Vdc
2~13V
300~1000mA
13W
32Vdc
2~28V
300~700mA
20W
12Vdc
2~11V
300~1000mA
11W
30Vdc
2~26V
300~1000mA
26W
10Vdc
2~ 9V
300~1000mA
9W
Note1 : Output Constant Current can be adjusted at factory before shipping.
MODEL INFORMATION :
CC4036xye-zzzz ( Single DC Output )
x = D- DC input .
y = P- plastic housing (31x32x15mm), E- Not Defined
zzzz = 0350- 350mA , 0500- 500mA , 0700- 700mA ,1000- 1000mA Constant Current Output.
MECHANICAL DRAWING:
P-Plastic Housing
Picture shown above is not to scale
31mm
15mm
100mm


Similar Part No. - CC4036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC4036 ETC1-CC4036 Datasheet
228Kb / 2P
High Power Constant Current LED Driver
CC4036DP-1000 ETC1-CC4036DP-1000 Datasheet
228Kb / 2P
High Power Constant Current LED Driver
CC4036DP-350 ETC1-CC4036DP-350 Datasheet
228Kb / 2P
High Power Constant Current LED Driver
CC4036DP-700 ETC1-CC4036DP-700 Datasheet
228Kb / 2P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC4036 MARL-CC4036_15 Datasheet
228Kb / 2P
High Power Constant Current LED Driver
More results

Similar Description - CC4036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com