Electronic Components Datasheet Search
  English  ▼

X  

GECH005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GECH005
Description  Glass Epoxy Carbon Heaters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GECH005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GECH005 Datasheet HTML 1Page - List of Unclassifed Manufacturers GECH005 Datasheet HTML 2Page - List of Unclassifed Manufacturers GECH005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2011-06-01
Copyright© RARA Electronics Corp.
■ DIMENSIONS
* Lead wire: Teflon 200±10mm
Model
Dimensions [mm]
L±2
W±1
T±0.1
GECH003
40
25
0.5
GECH005
60
25
0.5
GECH010
110
25
0.5
GECH020
150
25
0.5
GECH030
200
25
0.5
GECH040
300
25
0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com