Electronic Components Datasheet Search
  English  ▼

X  

GECH005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GECH005
Description  Glass Epoxy Carbon Heaters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GECH005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GECH005 Datasheet HTML 1Page - List of Unclassifed Manufacturers GECH005 Datasheet HTML 2Page - List of Unclassifed Manufacturers GECH005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2011-06-01
Copyright© RARA Electronics Corp.
Glass Epoxy Carbon Heaters
(Preliminary Ver.)
Glass epoxy carbon heaters consist of a UV coated sheet that is applied to the carbon firing on the glass
epoxy. This process is extremely price competitive. The adhesion and installation are easy. The thermal
response is excellent; therefore this product exhibits superior performance after adhering to the item to be
heated. Glass epoxy carbon heaters can be produced in various shapes according to the shape of the item
to be heated.
■ GENERAL SPECIFICATIONS
Model
Rated Power
(With Heat Sink)
Rated Voltage
Operating Temp.
(On Heat Sink)
Resistance
Tolerance
GECH003
3W
Max. 230V
-40C to 100C
+15%
-0.0%
GECH005
5W
GECH010
10W
GECH020
20W
GECH030
30W
GECH040
40W
GECH050
50W
■ CHARACTERISTICS
Max. Surrounding Ambient Temp.
-40C to +100C
Insulation Resistance
20MΩ minimum
Dielectric Strength
AC500V for 1minute
Max leakage current : 2mA
■ ORDERING PROCEDURE EXAMPLE


Similar Part No. - GECH005

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
GEC.00.240.LC LEMO-GEC.00.240.LC Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
GEC.0E.240.RN LEMO-GEC.0E.240.RN Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
GEC.0M.240.RN LEMO-GEC.0M.240.RN Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
GEC.0S.240.LC LEMO-GEC.0S.240.LC Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
GEC.1S.240.LC LEMO-GEC.1S.240.LC Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
More results

Similar Description - GECH005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSH300 ETC-RSH300 Datasheet
680Kb / 1P
SPACE HEATERS
logo
Marktech Corporate
MTSM0012-843-IR MARKTECH-MTSM0012-843-IR Datasheet
1Mb / 5P
Circuit substrate: glass laminated epoxy
MTSM0013-199-IR MARKTECH-MTSM0013-199-IR Datasheet
1Mb / 5P
Circuit substrate: glass laminated epoxy
MTSM0013-843-IR MARKTECH-MTSM0013-843-IR Datasheet
2Mb / 5P
Circuit substrate: glass laminated epoxy
MTSM5014-199-IR MARKTECH-MTSM5014-199-IR Datasheet
1Mb / 5P
Circuit substrate: glass laminated epoxy
MTSM5015-199-IR MARKTECH-MTSM5015-199-IR Datasheet
2Mb / 5P
Circuit substrate: glass laminated epoxy
MTSM5016-843-IR MARKTECH-MTSM5016-843-IR Datasheet
2Mb / 5P
Circuit substrate: glass laminated epoxy
logo
OSA Opto Light GmbH
OLS-153MYGC525 OSA-OLS-153MYGC525 Datasheet
227Kb / 7P
glass laminated epoxy
OIS-330-880 OSA-OIS-330-880 Datasheet
227Kb / 7P
circuit substrate: glass laminated epoxy
OIS-170-875P OSA-OIS-170-875P Datasheet
229Kb / 7P
circuit substrate: glass laminated epoxy
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com