Electronic Components Datasheet Search
  English  ▼

X  

M210 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M210
Description  MILLI-OHMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M210 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M210 Datasheet HTML 1Page - List of Unclassifed Manufacturers M210 Datasheet HTML 2Page - List of Unclassifed Manufacturers M210 Datasheet HTML 3Page - List of Unclassifed Manufacturers M210 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Instructions for use
Using standard clip leads M210/9A
(Supplied as Standard)
1. Plug either black plug into either black socket in the top of
the instrument and red plugs into red sockets.
2. Clip leads to circuit or component to be tested. Ensure that
both faces of clip make good electrical contact.
3. Press the ON button to read resistance.
1. Insert plugs into their respective sockets as illustrated.
The outer plugs form the current circuit via the clips.The inner
plugs (with yellow bands) connect the probes in the voltage
measuring circuit.
2. Clip leads to circuit under tester.
3. Press ON button to read resistance when probes are in
contact with the circuit.
Using probe and contact connectors
clip leads M210/9B
(Optional Extras)
Interpreting the display
1. The Milli-ohmeter will read directly in ohms or milli-ohms.
2. Fluctuating readings displayed. Check that the clips are
making good contact with the circuit under test, then look for
the cause of intermittency, e.g. dry solder joint, oxydised
or corroded terminals; slight mechanical movement of the
component(s) in the circuit under test should quickly reveal
the source of the problem.
3. Flashing “1” indicates that resistance in circuit exceeds
Slide down the cover at the rear, bottom of the instrument.
Fit new battery 9 volt pp3 (MN1604 or equivalent). Replace
cover.
Battery Replacement
200 ohms.
4. “LO-BAT” displayed indicates low battery.
The ratio between the current and the voltage drop is calculated by the instrument using Ohm’s law (R=E/I) to display the result
in ohms.
Four clips would normally be required for connection but this could be tedious so a form of clip is used with the Milli-ohmeter.
The jaws are moulded in robust plastic and inset into each jaw face is a copper / silver inlay contact; these are insulated from
each other by the plastic mouldings. One contact face on each clip is connected to the current-generating circuit, the other face
is connected to the voltage-measuring circuit. In this way four wires are connected instantly by two clips. The resistance of the
connecting wires plays no part in the measuring so no “backing-off” is required as would be the case if a multi-meter were to be
used for the same measurment.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com