Electronic Components Datasheet Search
  English  ▼

X  

M210 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M210
Description  MILLI-OHMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M210 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M210 Datasheet HTML 1Page - List of Unclassifed Manufacturers M210 Datasheet HTML 2Page - List of Unclassifed Manufacturers M210 Datasheet HTML 3Page - List of Unclassifed Manufacturers M210 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RHOPOINT
INSTRUMENTATION LTD
RHOPOINT INSTRUMENTATION LTD
Beeching Road, Bexhill-on-sea
East Sussex,TN39 3LG
email: instrumentation@rhopoint,co,uk
2. Testing the resistance of
windings to determine
continuity, good electrical
connection to tails, and to
ascertain resistive imbalance
in centre-tapped transformers.
6. Testing ring mains circuits
to meet Appx. 15 1 EE wiring
regulations. The resistance in
the ring, including the
resistance of the protective
conductor are checked
before and after connection.
1. Checking continuity value
and mechanical stability of
resistive components. Also
used to measure resistance/
temperature coefficient . R2
- R, X 100 R, (t2- tl)
3. Checking the electrome-
chanical stability of printed
circuits and mounted
components. Dry solder joints
can be located by connecting
one clip to the track, the other
clip to the component tail or tag.
4. Ensuring that earth points
make good electrical contact
to earthing strip or chassis.
Looking for defects due to
rust, corrosion or defective
plating and anodic films.
5. Plugs and sockets of all
types rely on friction contact
between mating surfaces.
Looking for defects due to
oxydisation, grease or dirt.
7. Multi-tapped transformers
are quickly checked and the
tapping points identified on
an unknown transformer or
coil assembly.
8. Etching defects show up
as an unexpected variation
in track resistance.
9. Through hole plated tracks
on a P C B are checked for
continuity and unexpectedly
high resistance.
10. Clipping the leads to the
probes makes for an
easy-to-use continuity tester
which is accurate.
11. Welded joints which are
imperfect have a high
resistance. Aluminium welds
over 0.7 ohms are rejected.
Small variations in resistance
may indicate inclusions or
voids in the weld.
Test procedures
Using standard lead set for dhecking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com