Electronic Components Datasheet Search
  English  ▼

X  

NJM7905FA Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM7905FA
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM7905FA Datasheet(HTML) 2 Page - New Japan Radio

  NJM7905FA Datasheet HTML 1Page - New Japan Radio NJM7905FA Datasheet HTML 2Page - New Japan Radio NJM7905FA Datasheet HTML 3Page - New Japan Radio NJM7905FA Datasheet HTML 4Page - New Japan Radio NJM7905FA Datasheet HTML 5Page - New Japan Radio NJM7905FA Datasheet HTML 6Page - New Japan Radio NJM7905FA Datasheet HTML 7Page - New Japan Radio NJM7905FA Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM7900
- 2 -
Ver.2014-07-31
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25ºC)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
7905 to7909
7912 to7915
7918 to7924
-35
-35
-40
V
Power Dissipation
PD
16(TC≤70ºC)
W
Operating Junction Temperature
Tj
-40 to +150
ºC
Operating Temperature Range
Topr
-40 to +85
ºC
Storage Temperature Range
Tstg
-40 to +150
ºC
■ THERMAL CHARACTERISTICS
Thermal Resistance
Junction-to-Ambient Temperature
θja
60
ºC/W
Junction-to-case
θjc
5
■ ELECTRICAL CHARACTERISTICS (T
j25ºC, CIN2.2μF, CO1.0μF)
Measurement is to be conduced in pulse testing
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM7905FA
Output Voltage
VO
VIN
-10V, I
O
0.5A
-4.8
-5.0
-5.2
V
Line Regulation
ΔVO- VIN
VIN
-7 to -25V, I
O
0.5A
-
5
50
mV
Load Regulation
ΔVO - IO
VIN
-10V, I
O
0.005 to 1.5A
-
50
80
mV
Quiescent Current
IQ
VIN
-10V, I
O
0mA
-
2.2
5.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-10V, I
O
5mA
-
-0.4
-
mV/ºC
Ripple Rejection
RR
VIN
-10V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
60
-
dB
Output Noise Voltage
VNO
VIN
-10V, I
O
0.5A, BW10Hzto 100kHz,
-
100
-
μV
NJM7906FA
Output Voltage
VO
VIN
-11V, I
O
0.5A
-5.75
-6.0
-6.25
V
Line Regulation
ΔVO- VIN
VIN
-8 to -25V, I
O
0.5A
-
5
60
mV
Load Regulation
ΔVO - IO
VIN
-11V, I
O
0.005 to 1.5A
-
50
90
mV
Quiescent Current
IQ
VIN
-11V, I
O
0mA
-
2.2
5.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-11V, I
O
5mA
-
-0.5
-
mV/ºC
Ripple Rejection
RR
VIN
-11V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
60
-
dB
Output Noise Voltage
VNO
VIN
-11V, I
O
0.5A, BW10Hzto 100kHz,
-
110
-
μV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com