Electronic Components Datasheet Search
  English  ▼

X  

NJM7905FA Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM7905FA
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM7905FA Datasheet(HTML) 3 Page - New Japan Radio

  NJM7905FA Datasheet HTML 1Page - New Japan Radio NJM7905FA Datasheet HTML 2Page - New Japan Radio NJM7905FA Datasheet HTML 3Page - New Japan Radio NJM7905FA Datasheet HTML 4Page - New Japan Radio NJM7905FA Datasheet HTML 5Page - New Japan Radio NJM7905FA Datasheet HTML 6Page - New Japan Radio NJM7905FA Datasheet HTML 7Page - New Japan Radio NJM7905FA Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJM7900
- 3 -
Ver.2014-07-31
■ ELECTRICAL CHARACTERISTICS (T
j25ºC, CIN2.2μF, CO1.0μF)
Measurement is to be conducted in pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM7908FA
Output Voltage
VO
VIN
-14V, I
O
0.5A
-7.7
-8.0
-8.3
V
Line Regulation
ΔVO- VIN
VIN
-10.5 to -25V, I
O
1.5A
-
8
80
mV
Load Regulation
ΔVO - IO
VIN
-14V, I
O
0.005 to 0.5A
-
60
110
mV
Quiescent Current
IQ
VIN
-14V, I
O
0mA
-
2.2
5.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-14V, I
O
5mA
-
-0.7
-
mV/ºC
Ripple Rejection
RR
VIN
-14V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
60
-
dB
Output Noise Voltage
VNO
VIN
-14V, I
O
0.5A, BW10Hzto 100kHz,
-
130
-
μV
NJM7909FA
Output Voltage
VO
VIN
-15V, I
O
0.5A
-8.65
-9.0
-9.35
V
Line Regulation
ΔVO- VIN
VIN
-11.5 to -25V, I
O
0.5A
-
8
90
mV
Load Regulation
ΔVO - IO
VIN
-15V, I
O
0.005 to 1.5A
-
60
120
mV
Quiescent Current
IQ
VIN
-15V, I
O
0mA
-
2.2
5.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-15V, I
O
5mA
-
-0.8
-
mV/ºC
Ripple Rejection
RR
VIN
-15V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
59
-
dB
Output Noise Voltage
VNO
VIN
-15V, I
O
0.5A, BW10Hzto 100kHz,
-
150
-
μV
NJM7912FA
Output Voltage
VO
VIN
-19V, I
O
0.5A
-11.5
-12.0
-12.5
V
Line Regulation
ΔVO- VIN
VIN
-14.5 to –30V, I
O
0.5A
-
3
120
mV
Load Regulation
ΔVO - IO
VIN
-19V, I
O
0.005 to 1.5A
-
60
150
mV
Quiescent Current
IQ
VIN
-19V, I
O
0mA
-
2.7
6.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-19V, I
O
5mA
-
-0.4
-
mV/ºC
Ripple Rejection
RR
VIN
-19V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
68
-
dB
Output Noise Voltage
VNO
VIN
-19V, I
O
0.5A, BW10Hzto 100kHz,
-
150
-
μV
NJM7915FA
Output Voltage
VO
VIN
-23V, I
O
0.5A
-14.4
-15.0
-15.6
V
Line Regulation
ΔVO- VIN
VIN
-17.5 to –30V, I
O
0.5A
-
3
150
mV
Load Regulation
ΔVO - IO
VIN
-23V, I
O
0.005 to 1.5A
-
60
180
mV
Quiescent Current
IQ
VIN
-23V, I
O
0mA
-
2.7
6.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-23V, I
O
5mA
-
-0.5
-
mV/ºC
Ripple Rejection
RR
VIN
-23V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
67
-
dB
Output Noise Voltage
VNO
VIN
-23V, I
O
0.5A, BW10Hzto 100kHz,
-
170
-
μV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com