Electronic Components Datasheet Search
  English  ▼

X  

RM02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RM02
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RM02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
9 /11
TA-I TECHNOLOGY CO., LTD
11. Recommend IR
– Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
℃ , 5 sec
Pre
– heat Zone : 150 to 180 ℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life:
2 years from manufacturing date.
14.
ECN :
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com