Electronic Components Datasheet Search
  English  ▼

X  

RM02 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RM02
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM02 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RM02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM02 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
11 /11
TA-I TECHNOLOGY CO., LTD
Revise record
Date
Content
Owner
Apr. 19. 2007
6. Reliability Tests: (As specified in JIS C 5202)
Short Time Overload & Intermittent Overload
Voltage change to current
Vincent
March.01.2011
Reliability test :
Reference standard from JIS-5202 change to
IEC60115 &
JIS-C5201
Kate
June 24.2011
Operating Temp(℃):
From
-55℃ 〜 +125℃
change to -55℃ 〜 +155℃ ( RM02 -55℃ 〜 +125℃ )
kate



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com