Electronic Components Datasheet Search
  English  ▼

X  

RM10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM10
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
2 /11
TA-I TECHNOLOGY CO., LTD
4. Dimensions:
UNIT: mm
Type
L
W
C
d
t
RM02
0.60±0.03
0.30±0.03
0.1±0.05
0.15±0.05
0.25±0.05
RM04
+0.1
1.00
-0.05
0.50±0.05
0.20±0.10
0.25±0.10
0.35±0.05
RM06
1.60±0.10
0.80±0.10
0.30±0.20
+0.2
0.30
-0.1
0.45±0.10
RM10
2.00±0.10
1.25±0.10
0.40±0.20
0.40±0.20
0.50±0.10
RM12
3.10±0.10
1.55±0.10
0.50±0.30
0.40±0.20
0.60±0.10
RM13
3.10±0.10
2.55±0.10
0.50±0.30
0.40±0.20
0.60±0.10
RM20
5.00±0.15
2.50±0.15
0.60±0.30
0.50±0.25
0.60±0.10
RM25
6.30±0.20
3.20±0.20
0.60±0.30
0.50±0.25
0.60±0.10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com