Electronic Components Datasheet Search
  English  ▼

X  

RM10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RM10
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RM10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
4 /11
TA-I TECHNOLOGY CO., LTD
6.
Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits
Temperature Coefficient of
Resistance
IEC60115-1-4.8
JIS-C5201-4.8
-55〜 +125 ℃
Refer 5.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
2.5 X rated current
for
5 sec
(Remarks : 0201
2.0 * RCWC)
0Ω
: 50mΩ or less
Intermittent Overload
EC60115-1-4.39
JIS-C5201-4.39
2.5 X rated current
1sec
“ON” ,25sec “OFF” ,
10000 cycles
(Remarks : 0201
2.0 * RCWC)
0
Ω : 50mΩ or less
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated
voltage, 70 ℃
,
1.5hours
“ON “, 0.5hour “OFF”
0
Ω
: 100m
Ω or less
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-4.24
1000 hours at rated voltage , 40±2℃,
90~95%
RH 1.5hours “ON “, 0.5hour “OFF”
0
Ω : 100mΩ or less
Without mechanical damage
Rapid Change of
Temperature
IEC60115-1-4.19
JIS-C5201-4.19
-55℃ (30 min. ) / +155 ℃(30 min. )
5 cycles
0
Ω : 50mΩ or less
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness of Termination
(Bending)
IEC60115-1-4.33
JIS-C5201-4.33
3mm deflection
0
Ω : 50mΩ or less
Dielectric Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-4.7
Applying voltage :
0201 : 50V , 0402 & 0603 : 300V
The
other 500V for a minute .
No
abnormalities
such
as
flashover,
burning dielectric
breakdown shall appear.
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
Applying voltage 100V for 1 minute.
Remark : 0201
50V
≧1GΩ
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS-C5201-4.23.2
125±5℃ for 96±4Hrs
0
Ω : 50mΩ or less
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
0
Ω : 50mΩ or less
Note* : RCWC : Rated continuous working current .
7. Marking
7.1
1 digit, e.g.,:(E-24) 0 = 0Ω.
7.2
No Marking for RM02 & RM04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com