Electronic Components Datasheet Search
  English  ▼

X  

RM13 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RM13 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
8 /11
TA-I TECHNOLOGY CO., LTD
Customer Label ( By customer request ):
Lead-Free Products
Product Spec.
Customer No:
Date
Year Month
10.
Recommended land patterns :
Land pattern
Type
Size
Dimension
( mm )
a
b
c
RM
02 (0201 )
0.25~0.3
0.7~0.9
0.3~0.4
RM
04 (0402 )
0.50~0.6
1.4~1.6
0.4~0.6
RM
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RM
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RM
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
RM
13 (1210 )
2.0~2.4
4.4~5.0
2.3~3.5
RM
20 (2010 )
3.3~3.7
5.7~6.5
2.3~3.5
RM
25 (2512 )
3.6~4.0
7.6~8.6
2.3~3.5
TA-I TECH
LEAD FREE
0603 5%(T) 0Ω
105A702723 RM06JTN0
04.05.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com