Electronic Components Datasheet Search
  English  ▼

X  

RM13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM13 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
1 /11
TA-I TECHNOLOGY CO., LTD
1. Scope :
This specification applies for the RM 0 ohm series of thick film chip resistors made by TA-I.
2. Construction:
3. Type Designation:
RM
10
J
TN
0
Product Code
Size
Tolerance
Packaging
Nominal
RM : Chip Resistor
Power Rating
Resistance
Special
L : 06
– 2mm pitch
paper Tape
+N: Lead-Free
R≦50mΩ
T-Paper Tape
E-Embossed Tape
B-Bulk Cassette
3 digits, e.g.,:
(E-24) 0 = 0Ω
Ceramic Substrate
Ni Plating
Conductor :
(Lead-free or with lead )
Sn Plating
Resistive Element
Over Coat (Color : Black)
02-0201(0603)
0.5A
04-0402(1005)
1A
06-0603(1608)
1A
10-0805(2012)
2A
12-1206(3216)
2A
13-1210(3226)
2A
20-2010(5025)
2A
25-2512(6432)
2A


Similar Part No. - RM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM13 ETC-RM13 Datasheet
1,011Kb / 13P
Thick Film Chip Resistors
logo
Rectron Semiconductor
RM130N100HD RECTRON-RM130N100HD Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
2022-12/59 REV:A
RM130N100T2 RECTRON-RM130N100T2 Datasheet
988Kb / 7P
N-Channel Super Trench Power MOSFET
2022-12/59 REV:A
RM130N150HD RECTRON-RM130N150HD Datasheet
1Mb / 5P
N-Channel Trench MOSFET
2023-05/119 REV:O
RM130N200HD RECTRON-RM130N200HD Datasheet
312Kb / 8P
200V N-Ch Power MOSFET
2019-08/69 REV:O
More results

Similar Description - RM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com