Electronic Components Datasheet Search
  English  ▼

X  

RM13 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 12Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
9/13
TA-I TECHNOLOGY CO., LTD
8.1.3 4 mm pitch Emboss :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Emboss
RM20 2.8±0.2
5.3±0.2
12.0±0.2
5.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.05
+0.1
ψ
1.5
-0
0.85±0.15
RM25 3.6±0.2
6.9±0.2
UNIT: mm
Package
Type
Size
Paper Tape
Emboss Plastic Tape
4 mm pitch
4 mm pitch
2 mm pitch
178mm/R
250mm/R
178mm/R
250mm/R
RM
02
10000
RM
04
10000
20000
RM
06
5000
10000
10000
20000
RM
10
5000
10000
RM
12
5000
10000
RM
13
5000
RM
20
4000
RM
25
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com