Electronic Components Datasheet Search
  English  ▼

X  

RM13 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 12Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
12/13
TA-I TECHNOLOGY CO., LTD
11. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature (TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
℃
of actual Peak
Temperature (tp)2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.
Alloyed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace .
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com