Electronic Components Datasheet Search
  English  ▼

X  

RMD06JB0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RMD06JB0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06JB0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RMD06JB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
7/11
TA-I TECHNOLOGY CO., LTD
8. Taping & Reel :
8.1 Taping Dimensions
8.1.1 4 mm pitch paper:
Packing Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMD06 1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05
1.75±0.1
4.0±0.1 2.0±0.05
4.0±0.1
+0.1
ψ
1.5
-0
0.64±0.1
RMD10 1.6±0.15
2.4±0.2
0.84±0.1
RMD12 2.0±0.15
3.6±0.2
8.1.2 2 mm pitch paper :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMD06
1.1±0.1
1.9±0.1
8.0±0.2 3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.1
4.0±0.1
+0.1
ψ
1.5
-0
0.64±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com