Electronic Components Datasheet Search
  English  ▼

X  

RMD06JB0 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RMD06JB0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06JB0 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RMD06JB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD06JB0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
10/11
TA-I TECHNOLOGY CO., LTD
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RMD
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RMD
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RMD
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
11. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
℃
, 5 sec
Pre – heat Zone : 150 to 180 ℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life:
2 years from manufacturing date.
14. ECN :
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com