Electronic Components Datasheet Search
  English  ▼

X  

RMD06DB0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RMD06DB0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06DB0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RMD06DB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
6/11
TA-I TECHNOLOGY CO., LTD
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Symbol for multipliers
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
multipliers
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
E.G : 01X = 100×10
-1 = 10Ω
Notes :
When the resistance value is not in the list of E96 , 3 digitals with underline in E-24 series
is used as mark .
E.G. : 0603 , 9.1Ω , 1%
Marking is 9‧1
7.4 ±0.5% , ±1%( E96/3digitals)
The resistance value by 3 digits is requirement for customer.
9‧1
01X



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com