Electronic Components Datasheet Search
  English  ▼

X  

RMD06DB0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RMD06DB0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06DB0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RMD06DB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD06DB0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
8/11
TA-I TECHNOLOGY CO., LTD
8.1.3. Bulk Case Specifications:
UNIT: mm
Package
Type
Size
Paper Tape
Emboss Plastic Tape
4 mm pitch
Bulk
4 mm pitch
2 mm pitch
178mm/R
250mm/R
178mm/R
250mm/R
RMD
06
5000
10000
10000
20000
20000
RMD
10
5000
10000
10000
RMD
12
5000
10000
5000
8.2 Reel Specifications:
UNIT: mm
Type
ψ
A
ψ
B
ψ
C
W
T
RMD 06/10/12
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com